| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ILPR.A bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431ILPR.A bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431BQDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T3HS TL431BQDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3HG, T3HS, T3HU) TL431BQDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (T3HG, T3HS, T3HU) TL431BQDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3HS TL431BQDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T3HS TL431BQDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T8U TL431BQDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 T8U TL431BQDCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T8U TL431BQDCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 T8U TL431BQDE4 Active Production SOIC (D) | 8 75 | TUBE - Call TI Call TI -40 to 125 TL431BQDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431BQ TL431BQDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T431BQ TL431BQDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 125 TL431BQLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQLPM Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQLPM.A Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQLPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQLPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -40 to 125 T431BQ TL431BQPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 3H TL431BQPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 3H TL431CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) TL431CDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) TL431CDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) Addendum-Page 7 |