| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431CLPR bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431CLPR bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431ACD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 431AC TL431ACD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 431AC TL431ACDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TACG, TACJ, TACS) TL431ACDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 (TACG, TACJ, TACS) TL431ACDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TACG, TACJ, TACU) TL431ACDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 (TACG, TACJ, TACU) TL431ACDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TAC3, TACG, TACS, TACU) TL431ACDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (TAC3, TACG, TACS, TACU) TL431ACDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TAC3 TL431ACDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TAC3 TL431ACDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TAC3, TACG, TACS, TACU) TL431ACDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (TAC3, TACG, TACS, TACU) TL431ACDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TAC3 TL431ACDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TAC3 TL431ACDCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T4S, T4U) TL431ACDCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 (T4S, T4U) TL431ACDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 431AC TL431ACDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 431AC TL431ACDRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 431AC TL431ACLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 TL431AC TL431ACLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 TL431AC TL431ACLPM Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type 0 to 70 TL431AC TL431ACLPM.A Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type 0 to 70 TL431AC Addendum-Page 1 |