| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV70430DBVR bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV70430DBVR bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 33 page ![]() 6.5 Typical Characteristics at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, CIN = 1 µF, and COUT = 1 µF (unless otherwise noted) 3.4 3.38 3.36 3.34 3.32 3.3 3.28 3.26 3.24 3.22 3.2 4 8 12 16 20 24 Input Voltage (V) -40 C +85 C ° ° ° +25 C V = 3.3 V I = 5 mA OUT OUT Figure 6-1. Line Regulation for Legacy Chip Input Voltage (V) 4 8 12 16 20 24 3.2 3.22 3.24 3.26 3.28 3.3 3.32 3.34 3.36 3.38 3.4 VOUT = 3.3V IOUT = 5mA -55°C -40°C 0°C 25°C 85°C 125°C 150°C Figure 6-2. Line Regulation for New Chip Output Current (mA) 0 30 60 90 120 150 3.6 3.5 3.4 3.3 3.2 3.1 3 - ° 40 C +25 C ° +85 C ° Figure 6-3. Load Regulation (VOUT = 3.3 V) for Legacy Chip Output Current (mA) 0 30 60 90 120 150 3 3.1 3.2 3.3 3.4 3.5 3.6 VOUT = 3.3V VIN = 4.3V -55°C -40°C 0°C 25°C 85°C 125°C 150°C Figure 6-4. Load Regulation (VOUT = 3.3 V) for New Chip Junction Temperature (°C) -40 -25 -10 5 20 35 50 65 80 95 110 125 3.465 3.432 3.399 3.366 3.333 3.3 3.267 3.234 3.201 3.168 3.135 I = 80 mA OUT I = 10 mA OUT V = 4.3 V IN Figure 6-5. Output Voltage vs Junction Temperature for Legacy Chip Junction Temperature ( C) -55 -25 5 35 65 95 125 150 3.135 3.168 3.201 3.234 3.267 3.3 3.333 3.366 3.399 3.432 3.465 VIN = 4.3V 1mA 80mA Figure 6-6. Output Voltage vs Junction Temperature for New Chip www.ti.com TLV704 SBVS148F – SEPTEMBER 2010 – REVISED MARCH 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TLV704 |