| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV314IDBVT.B bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV314IDBVT.B bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 41 page ![]() Reference Current V+ V IN- V IN+ V (Ground) - V BIAS2 V BIAS1 Class AB Control Circuitry V O 13 TLV314, TLV2314, TLV4314 www.ti.com SBOS754A – MARCH 2016 – REVISED MARCH 2016 Product Folder Links: TLV314 TLV2314 TLV4314 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The TLV314 is a family of low-power, rail-to-rail input and output operational amplifiers specifically designed for portable applications. These devices operate from 1.8 V to 5.5 V, are unity-gain stable, and suitable for a wide range of general-purpose applications. The class AB output stage is capable of driving ≤ 10-kΩ loads connected to any point between V+ and ground. The input common-mode voltage range includes both rails, and allows the TLV314 series to be used in virtually any single-supply application. Rail-to-rail input and output swing significantly increases dynamic range, especially in low-supply applications, and makes these devices ideal for driving sampling analog-to-digital converters (ADCs). The TLV314 features 3-MHz bandwidth and 1.5-V/ μs slew rate with only 150-μA supply current per channel, providing good ac performance at very low power consumption. DC applications are also well served with a very low input noise voltage of 14 nV/ √Hz at 1 kHz, low input bias current (0.2 pA), and an input offset voltage of 0.5 mV (typical). 8.2 Functional Block Diagram |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |