| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV702 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV702 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLV70228DSER Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VY TLV70228DSER.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VY TLV70228DSET Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VY TLV70228DSET.B Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VY TLV70228PDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QVA TLV70228PDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QVA TLV70228PDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QVA TLV70228PDBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QVA TLV70228PDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 QVA TLV70228PDBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 QVA TLV70229DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SJW TLV70229DSER Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 SZ TLV70229DSER.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 SZ TLV70229DSET Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 SZ TLV70229DSET.B Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 SZ TLV70230DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 QUY TLV70230DBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUY TLV70230DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUY TLV70230DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 QUY TLV70230DBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 QUY TLV70230DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 QUY TLV70231DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUZ TLV70231DBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUZ TLV70231DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUZ TLV70231DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUZ TLV70231DBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QUZ Addendum-Page 3 |