| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC5948APWPR.B bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5948APWPR.B bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 54 page ![]() TLC5948A SBVS192A – MARCH 2012 – REVISED DECEMBER 2012 www.ti.com Table 10. Function Control Data Latch Bit Description (continued) DEFAULT BIT BIT VALUE NUMBER NAME (Binary) DESCRIPTION Invisible detection mode (IDM) enable bit 0 = Disabled, 1 = Enabled When this bit is '0', IDM is disabled. Therefore, LOD and LSD check the status of the LEDs only at power-up. When this bit is '1', LOD and LSD check the LED status with very small current 129 IDMENA — sinking at OUTn in a specific display segment. LOD and LSD can be checked even if OUTn is off. The current value is set by the IDMCUR bits (bits[132:131]) and the time is set by the LATTMG bits (bits[128:127]) in the function control data latch. Furthermore, the IDM operation is repeated every display period with auto display mode enabled when the IDMRPT bit (bit 130) is set to '1'. When the device is powered on, this bit is random. Invisible detection mode (IDM) repeat bit 0 = Not repeated, 1 = Repeat When this bit is '0', IDM is not repeated. Therefore, LOD and LSD check the status of the LEDs once after the BLANK bit is changed from '1' to '0'. Otherwise, LAT is input for a GS write when TMGRST is '1' or the GS counter 130 IDMRPT — is reset at power-up once at the time programmed by LATTMG. IDM is disabled when IDMENA is set to '0' even if this bit is '1'. When this bit is '1', IDM operation is repeated every display period with the auto display mode enabled. LOD and LSD check the LED status at OUTn every display period even if OUTn is off. When the device is powered on, this bit is random. Invisible detection mode (IDM) current select bits The OUTn sink current for IDM can be selected with these bits. Refer to 131, 132 IDMCUR — Table 14 for the IDM sink current truth table. When the device is powered on, these bits are random. Output leak detection mode (OLD) enable bit 0 = Disabled, 1 = Enabled When this bit is '0', output leak detection (OLD) is not checked and all OLD bits in the status information data (SID) are set to '0'. OLD data are loaded into the OLD data latch at the 65,535th GS clock. OLD data in SID may show the result of the previous display period, depending on the LAT input timing. 133 OLDENA — When this bit is '1', OLD checks the LED status with a small current sourced through OUTn in a display segment. OLD only checks OUTn with GS data set to '0'. When OUTn current leakage is detected, the OLD bit that corresponds to the leaking output is set to '1' in the SID. When IDMENA is '1', OLD operation is disabled even if the OLDENA bit is set to '1' because OLD cannot get a correct result when IDM is enabled. When the device is powered on, this bit is random. Power-save mode (PSM) selection bits The power-save mode is selected with these bits. Refer to Table 15 and 134-136 PSMODE 111 Table 16 for the PSM truth tables. When the device is powered on, these bits are all set to '1'. 32 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: TLC5948A |