| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACDR.A bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL082ACDR.A bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL082CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082CP TL082CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082CP TL082CPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPSRG4 Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082 TL082CPWRG4 Active Production TSSOP (PW) | 8 2000 | LARGE T&R - Call TI Call TI 0 to 70 TL082HIDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 082F TL082HIDDFR.A Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 082F TL082HIDR Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL082D TL082HIDR.A Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL082D TL082HIPWR Active Production TSSOP (PW) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 082HPW TL082HIPWR.A Active Production TSSOP (PW) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 082HPW TL082IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL082I TL082IDRE4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 85 TL082IP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL082IP TL082IP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL082IP TL082IPE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI -40 to 85 TL082IPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z082 TL082IPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 Z082 TL082MFKB Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9851501Q2A TL082MFKB TL082MFKB.A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9851501Q2A TL082MFKB TL082MJG Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 TL082MJG TL082MJG.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 TL082MJG TL082MJGB Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 9851501QPA TL082M Addendum-Page 3 |