| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACD bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL082ACD bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-9851501Q2A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9851501Q2A TL082MFKB 5962-9851501QPA Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 9851501QPA TL082M 5962-9851503Q2A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9851503Q2A TL084 MFKB 5962-9851503QCA Active Production CDIP (J) | 14 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9851503QC A TL084MJB TL081ACD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 081AC TL081ACDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 081AC TL081ACDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 081AC TL081ACP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081ACP TL081ACP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081ACP TL081BCD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 081BC TL081BCDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 081BC TL081BCDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 081BC TL081BCP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081BCP TL081BCP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081BCP TL081CD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 TL081C TL081CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL081C TL081CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL081C TL081CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081CP TL081CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL081CP TL081CPE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI 0 to 70 TL081CPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T081 TL081CPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T081 TL081HIDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 T81V Addendum-Page 1 |