| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC393CPWR.A bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC393CPWR.A bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 35 page ![]() www.ti.com PACKAGE OUTLINE 10.16 9.00 7.11 6.22 1.60 0.38 6X 2.54 8X 0.58 0.38 4X 1.65 1.14 0.51 MIN 3.30 MIN 5.08 MAX 7.87 7.37 0.36 0.20 TYP 0 -15 TYP 4X (0.94) CDIP - 5.08 mm max height JG0008A CERAMIC DUAL IN-LINE PACKAGE 4230036/A 09/2023 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package can be hermetically sealed with a ceramic lid using glass frit. 4. Index point is provided on cap for terminal identification. 5. Falls within MIL STD 1835 GDIP1-T8 SEATING PLANE 0.25 C A B A B C |