| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLPR bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL431ACLPR bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL432AQDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T4DJ, T4DU) TL432AQDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (T4DJ, T4DU) TL432AQDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T4DJ, T4DU) TL432AQDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (T4DJ, T4DU) TL432AQDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T4D3, T4DG, T4DS, T4DU) TL432AQDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (T4D3, T4DG, T4DS, T4DU) TL432AQDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T4DS TL432AQDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T4DS TL432AQDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T4DG, T4DS, T4DU) TL432AQDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (T4DG, T4DS, T4DU) TL432AQDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T4DS TL432AQDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T4DS TL432AQPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 2F TL432AQPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 2F TL432BCDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TBCJ, TBCU) TL432BCDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM 0 to 70 (TBCJ, TBCU) TL432BCDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (TBCG, TBCS, TBCU) TL432BCDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (TBCG, TBCS, TBCU) TL432BCDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 TBCS TL432BCDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TBCS TL432BCDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (TBCG, TBCS, TBCU) TL432BCDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (TBCG, TBCS, TBCU) TL432BCDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 TBCS TL432BCDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TBCS TL432BCPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR 0 to 70 2G Addendum-Page 12 |