| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL331KDBVR.B bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL331KDBVR.B bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL331BIDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 331B TL331BIDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 331B TL331BIDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 331B TL331BIDBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 331B TL331IDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T1I8, T1IG, T1IL, T1IS) TL331IDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 (T1I8, T1IG, T1IL, T1IS) TL331IDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T1I8, T1IG, T1IL, T1IU) TL331IDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 (T1I8, T1IG, T1IL, T1IU) TL331IDBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 85 (T1I8, T1IG, T1IL, T1IU) TL331KDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL331KDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL331KDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL331KDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL331KDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL331KDBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 (T1K8, T1KG, T1KJ, T1KL) TL391BIDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 391B TL391BIDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 391B (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |