| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAP51D-B-G1-R bảng dữ liệu(PDF) 59 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP51D-B-G1-R bảng dữ liệu(HTML) 59 Page - Zentrum Mikroelektronik Dresden AG |
|
59 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 59 of 62 CDC LTGP OSC1 OSC2 U5R LTGN UOUT P3 P2 P1 P0 D3 D2 D1 D0 / TX_DAT PSTBn / APF DSTBn / RESETn PFAULT LED2 LED1 / RX_DAT ASI+ ASI- 100n 100n 10 VDD VDD OUT GND VDD OUT GND VDD OUT GND VDD OUT GND /Power fail Receive (MAN-Code output of the recieved ASI signal) /Reset Transmit (MAN-Code input for the ASI signal) GND Figure 16: SAP5 Master Mode Application |