| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAP5SD-B-G1-R bảng dữ liệu(PDF) 49 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R bảng dữ liệu(HTML) 49 Page - Zentrum Mikroelektronik Dresden AG |
|
49 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 49 of 62 D2* F-D2* D0* Inverting, Offset1, Delay Inverting, Offset2, Delay F-D0* swap_flag I2 AS-interface communication I0 I3 I1 D1* D3* Offset2 F-D3* Offset1 SAP5 F-D1* information stored in the E 2PROM Figure 11: Safety Mode Data Processing The special input ports F-D0* and F-D2* act as 3-level-input pins in Safety Mode. In order to ensure proper decoding of input data, the voltages must satisfy requirements as specified in below Figure 12 and Table 16 on page 30, respectively. |