công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS-SD bảng dữ liệu(PDF) 1 Page - HellermannTyton.

tên linh kiện CS-SD
Giải thích chi tiết về linh kiện  Electrical Installation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HELLERMANNTYTON [HellermannTyton.]
Trang chủ  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CS-SD bảng dữ liệu(HTML) 1 Page - HellermannTyton.

  CS-SD Datasheet HTML 1Page - HellermannTyton. CS-SD Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
376
4.3
Further information at www.HellermannTyton.com/installation
Electrical Installation
Cable Rods
Cable Scout+ is a professional cable routing tool which enables installers
to easily route cables, saving time, even with the most challenging
installations. The rods are manufactured from high quality Glass
Reinforced Plastic (GRP), which enables a load carrying capacity of up
to 200 kg. Cable Scout+ offers a range of features which allows the
installer to illuminate, grip, inspect and retrieve by using the range of
accessories. Cable Scout+ is supplied in a useful durable bag which
contains the rods and accessories all in one place.
Features and Benefits
• Professional cable installation tool
• Enables time savings to be achieved even with challenging
installations
• Rods manufactured from high quality Glass Reinforced Plastic (GRP)
• Load carrying capacity of 200 kg
• Range of accessories enabling the installer to illuminate, grip inspect
and retrieve.
• Rods & accessories contained in a useful durable storage bag
Application video: Cable Scout+
Cable Installation System - Cable Scout+
All components stored neat and tidy with the Cable Scout+ Deluxe set.
Cable Scout+ Rod Sets
Basic Set.
Handy Set.
TYPE
Description
Content
Rods
Rod Capacity
(m)
Content
Accessories
Article-
No.
CS-SB
Basic Set: designed to perform basic
cable installation
10 rods x 1 m (white)
10.0 m
15 cm white flexi lead, gender
changer, tuff hook, mini eye
897-90000
CS-SD
Deluxe Set: the most comprehensive set
aimed for carrying out larger installations
2 rods x 1 m (white)
6 rods x 1 m (red)
2 rods x 1 m (blue)
10.0 m
15 cm white flexi lead, split ring,
gender changer, tuff hook, mini
eye, domed bullet, flat bullet,
beam, single magnet
897-90001
CS-SH
Handy Set: made up for fitting in a tool
box
1 rod x 40 cm (white)
2 rods x 40 cm (red)
1 rod x 40 cm (blue)
1.6 m
40 cm white flexi lead, domed
bullet, mini hook, mini eye
897-90003
Subject to technical changes.
Overview of the rods selection.
Cable Scout+ Rod Pairs
Overview on Cable Scout+
marginal bending radii.
TYPE
Content
Rods
Flexibility
Ø D
Article-No.
CS-P6
One pair of 1 m blue rods
strong
6.0
897-90007
CS-PN
One pair of 1 m nylon rods
fully flexible
5.0
897-90008
CS-P5
One pair of 1 m red rods
medium
5.0
897-90006
CS-P4
One pair of 1 m white rods
flexible
4.0
897-90005
All dimensions in mm. Subject to technical changes.


Số phần tương tự - CS-SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TXC Corporation.
CS-SERIES TXC-CS-SERIES Datasheet
940Kb / 1P
LVPECL output, output frequencies 150 MHz to 700 MHz.
logo
CRYSTEK CORPORATION
CS-SF-MHA CRYSTEKMICROWAVE-CS-SF-MHA Datasheet
101Kb / 2P
SMA Jack Solder Clamp
CS-SF-MSC CRYSTEKMICROWAVE-CS-SF-MSC Datasheet
99Kb / 2P
SMA Jack, Solder Clamp
CS-SM-MCA CRYSTEKMICROWAVE-CS-SM-MCA Datasheet
89Kb / 2P
SMA Plug, Solder Clamp
logo
Crystek Corporation
CS-SM-MHA CRYSTEKCRYSTAL-CS-SM-MHA Datasheet
88Kb / 2P
SMA Plug, Solder Clamp for Harbour LL142 Cable
More results

Mô tả tương tự - CS-SD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B84298A0042L EPCOS-B84298A0042L Datasheet
156Kb / 2P
Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Honeywell Solid State E...
4AV15F HONEYWELL-4AV15F Datasheet
78Kb / 4P
Installation Instructions
logo
Advantech Co., Ltd.
UTC-515 ADVANTECH-UTC-515 Datasheet
262Kb / 1P
Installation Accessories
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
Simple installation
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
logo
M-System Co.,Ltd.
M1E-BS MSYSTEM-M1E-BS Datasheet
170Kb / 2P
INSTALLATION BASE
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
INSTALLATION BASE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com