| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCAN337GD.B bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCAN337GD.B bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 47 page ![]() 5.5 Electrical Characteristics (continued) over operating free-air temperature range, TJ = –40°C to 150°C. All typical values are at 25°C and supply voltages of VCC = 3.3 V, RL = 60 Ω, (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Receiver VIT Input threshold voltage, normal modes and selective wake modes See Figure 6-3 and Table 6-7 500 900 mV VHYS Hysteresis voltage for input threshold, normal modes and selective wake modes 120 VCM Common Mode Range: normal and silent modes –12 12 V VIT(STB) Input Threshold, standby mode –2V < VCM < 7V See Figure 6-3 and Table 6-7 400 1150 mV –12V < VCM < 12V See Figure 6-3 and Table 6-7 400 1350 mV IIOFF(LKG) Power-off (unpowered) bus input leakage current TA < 85°C, CANH = CANL = 3.3V, VCC to GND via 0Ω and 47kΩ resistor 6 µA CANH = CANL = 3.3V, VCC to GND via 0Ω and 47kΩ resistor 12 CI Input capacitance to ground (CANH or CANL) 20 pF CID Differential input capacitance 10 RID Differential input resistance TXD = VCC, Normal Mode 30 80 kΩ RIN Input resistance (CANH or CANL) TXD = VCC, Normal mode 15 40 RIN(M) Input resistance matching: [1 – (RIN(CANH) / RIN(CANL))] × 100 % V(CANH) = V(CANL) –3% 3% TXD Terminal (CAN Transmit Data Input) VIH HIGH level input voltage 2 V VIL LOW level input voltage 0.8 V IIH HIGH level input leakage current TXD = VCC = 3.6V –2.5 0 3 µA IIL LOW level input leakage current TXD = 0V, VCC = 3.6V –4 0 0 µA ILKG(OFF) Unpowered leakage current TXD = 3.6V, VCC = 0V –2 0 2.5 µA I(CAP) Input Capacitance 2.5 pF RXD Terminal (CAN Receive Data Output) VOH HIGH level output voltage See Figure 6-3, IO = –2mA 0.8 x VCC V VOL LOW level output voltage See Figure 6-3, IO = 2mA 0.2 0.4 V ILKG(OFF) Unpowered leakage current RXD = 3.6V, VCC = 0V –1 0 1 µA STB/S/SHDN Terminals VIH HIGH level input voltage 2 V VIL LOW level input voltage 0.8 V IIH HIGH level input leakage current STB, S, SHDN = VCC = 3.6V –3 0 10 µA IIL LOW level input leakage current STB, S, SHDN = 0V, VCC = 3.6V –4 0 1 µA ILKG(OFF) Unpowered leakage current STB, S, SHDN = 3.6V, VCC = 0V –3 0 5 µA FAULT Pin (Fault Output), TCAN337 only ICH Output current high level FAULT = VCC, See Figure 6-11 –10 µA ICL Output current low level FAULT = 0.4V, See Figure 6-11 4 12 mA (1) The bus output voltage (recessive) is the same if the device is in normal mode with S terminal LOW, or if the device is in silent mode with the S terminal is HIGH. TCAN330, TCAN332, TCAN334, TCAN337 TCAN330G, TCAN332G, TCAN334G, TCAN337G SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025 www.ti.com 8 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G |