công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAN334GD.B bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TCAN334GD.B
Giải thích chi tiết về linh kiện  TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCAN334GD.B bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TCAN334GD.B Datasheet HTML 4Page - Texas Instruments TCAN334GD.B Datasheet HTML 5Page - Texas Instruments TCAN334GD.B Datasheet HTML 6Page - Texas Instruments TCAN334GD.B Datasheet HTML 7Page - Texas Instruments TCAN334GD.B Datasheet HTML 8Page - Texas Instruments TCAN334GD.B Datasheet HTML 9Page - Texas Instruments TCAN334GD.B Datasheet HTML 10Page - Texas Instruments TCAN334GD.B Datasheet HTML 11Page - Texas Instruments TCAN334GD.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature range, TJ = –40°C to 150°C. All typical values are at 25°C and supply voltages of VCC =
3.3 V, RL = 60 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver
VIT
Input threshold voltage, normal modes and selective
wake modes
See Figure 6-3 and Table 6-7
500
900
mV
VHYS
Hysteresis voltage for input threshold, normal
modes and selective wake modes
120
VCM
Common Mode Range: normal and silent modes
–12
12
V
VIT(STB)
Input Threshold, standby mode
–2V < VCM < 7V
See Figure 6-3 and Table 6-7
400
1150
mV
–12V < VCM < 12V
See Figure 6-3 and Table 6-7
400
1350
mV
IIOFF(LKG)
Power-off (unpowered) bus input leakage current
TA < 85°C, CANH = CANL = 3.3V, VCC
to GND via 0Ω and 47kΩ resistor
6
µA
CANH = CANL = 3.3V, VCC to GND via
0Ω and 47kΩ resistor
12
CI
Input capacitance to ground (CANH or CANL)
20
pF
CID
Differential input capacitance
10
RID
Differential input resistance
TXD = VCC, Normal Mode
30
80
kΩ
RIN
Input resistance (CANH or CANL)
TXD = VCC, Normal mode
15
40
RIN(M)
Input resistance matching: [1 – (RIN(CANH) /
RIN(CANL))] × 100 %
V(CANH) = V(CANL)
–3%
3%
TXD Terminal (CAN Transmit Data Input)
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0.8
V
IIH
HIGH level input leakage current
TXD = VCC = 3.6V
–2.5
0
3
µA
IIL
LOW level input leakage current
TXD = 0V, VCC = 3.6V
–4
0
0
µA
ILKG(OFF)
Unpowered leakage current
TXD = 3.6V, VCC = 0V
–2
0
2.5
µA
I(CAP)
Input Capacitance
2.5
pF
RXD Terminal (CAN Receive Data Output)
VOH
HIGH level output voltage
See Figure 6-3, IO = –2mA
0.8 x VCC
V
VOL
LOW level output voltage
See Figure 6-3, IO = 2mA
0.2
0.4
V
ILKG(OFF)
Unpowered leakage current
RXD = 3.6V, VCC = 0V
–1
0
1
µA
STB/S/SHDN Terminals
VIH
HIGH level input voltage
2
V
VIL
LOW level input voltage
0.8
V
IIH
HIGH level input leakage current
STB, S, SHDN = VCC = 3.6V
–3
0
10
µA
IIL
LOW level input leakage current
STB, S, SHDN = 0V, VCC = 3.6V
–4
0
1
µA
ILKG(OFF)
Unpowered leakage current
STB, S, SHDN = 3.6V, VCC = 0V
–3
0
5
µA
FAULT Pin (Fault Output), TCAN337 only
ICH
Output current high level
FAULT = VCC, See Figure 6-11
–10
µA
ICL
Output current low level
FAULT = 0.4V, See Figure 6-11
4
12
mA
(1)
The bus output voltage (recessive) is the same if the device is in normal mode with S terminal LOW, or if the device is in silent mode
with the S terminal is HIGH.
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com