| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL052CD bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL052CD bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 65 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA VIOmax AT 25 °C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL051ACP TL051ACP PDIP (P) Tube of 50 TL052ACP TL052ACP 800 µV Tube of 75 TL051ACD 051AC SOIC (D) Tube of 75 TL052ACD 052AC Reel of 2500 TL052ACDR 052AC PDIP (P) Tube of 50 TL051CP TL051CP PDIP (P) Tube of 50 TL052CP TL052CP PDIP (N) Tube of 25 TL054ACN TL054ACN Tube of 75 TL051CD TL051C 0 °Cto70°C Reel of 2500 TL051CDR TL051C 0 °C to 70°C 1.5 mV SOIC (D) Tube of 75 TL052CD TL052C SOIC (D) Reel of 2500 TL052CDR TL052C Tube of 50 TL054ACD TL054C Reel of 2500 TL054ACDR TL054C SOP (PS) Reel of 2000 TL052CPSR TL052 SSOP (DB) Reel of 2000 TL054CDBR TL054 PDIP (N) Tube of 25 TL054CN TL054CN 4mV SOIC (D) Tube of 50 TL054CD TL054C 4 mV SOIC (D) Reel of 2500 TL054CDR TL054C SOP (NS) Reel of 2000 TL054CNSR TL054 PDIP (P) Tube of 50 TL052AIP TL052AI 800 µV SOIC (D) Tube of 75 TL052AID 052AI SOIC (D) Reel of 2500 TL052AIDR 052AI PDIP (N) Tube of 25 TL054AIN TL054AIN PDIP (P) Tube of 50 TL051IP TL051IP PDIP (P) Tube of 50 TL052IP TL052IP 40 °Cto85°C 15 mV Tube of 75 TL051ID TL051I –40 °C to 85°C 1.5 mV Tube of 75 TL052ID TL052I SOIC (D) Reel of 2500 TL052IDR TL052I Tube of 50 TL054AID TL054AI Reel of 2500 TL054AIDR TL054AI PDIP (N) Tube of 25 TL054IN TL054IN 4 mV SOIC (D) Tube of 50 TL054ID TL054I SOIC (D) Reel of 2500 TL054IDR TL054I † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |