công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4151CDGK bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện THS4151CDGK
Giải thích chi tiết về linh kiện  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CDGK bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button THS4151CDGK Datasheet HTML 15Page - Texas Instruments THS4151CDGK Datasheet HTML 16Page - Texas Instruments THS4151CDGK Datasheet HTML 17Page - Texas Instruments THS4151CDGK Datasheet HTML 18Page - Texas Instruments THS4151CDGK Datasheet HTML 19Page - Texas Instruments THS4151CDGK Datasheet HTML 20Page - Texas Instruments THS4151CDGK Datasheet HTML 21Page - Texas Instruments THS4151CDGK Datasheet HTML 22Page - Texas Instruments THS4151CDGK Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
V
OD
V
IN1
– V
IN2
+
R
f
R
(g)
1 )
2R2
R1
_
+
_
+
_
+
THS4012
THS4012
VIN1
VIN2
R2
R1
R2
R(g)
R(g)
Rf
Rf
THS415x
CIRCUIT LAYOUT CONSIDERATIONS
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
The general transfer function for this circuit is:
Figure 41. Fully Differential Instrumentation Amplifier
To achieve the levels of high frequency performance of the THS415x, follow proper printed-circuit board high
frequency design techniques. A general set of guidelines is given below. In addition, a THS415x evaluation board
is available to use as a guide for layout or for evaluating the device performance.
• Ground planes—It is highly recommended that a ground plane be used on the board to provide all
components with a low inductive ground connection. However, in the areas of the amplifier inputs and output,
the ground plane can be removed to minimize the stray capacitance.
• Proper power supply decoupling—Use a 6.8-µF tantalum capacitor in parallel with a 0.1-µF ceramic capacitor
on each supply terminal. It may be possible to share the tantalum among several amplifiers depending on the
application, but a 0.1-
µF ceramic capacitor should always be used on the supply terminal of every amplifier.
In addition, the 0.1-
µF capacitor should be placed as close as possible to the supply terminal. As this distance
increases, the inductance in the connecting trace makes the capacitor less effective. The designer should
strive for distances of less than 0.1 inches between the device power terminals and the ceramic capacitors.
• Sockets—Sockets are not recommended for high-speed operational amplifiers. The additional lead
inductance in the socket pins will often lead to stability problems. Surface-mount packages soldered directly
to the printed-circuit board is the best implementation.
• Short trace runs/compact part placements—Optimum high frequency performance is achieved when stray
series inductance has been minimized. To realize this, the circuit layout should be made as compact as
possible, thereby minimizing the length of all trace runs. Particular attention should be paid to the inverting
input of the amplifier. Its length should be kept as short as possible. This will help to minimize stray
capacitance at the input of the amplifier.
• Surface-mount passive components—Using surface-mount passive components is recommended for high
frequency amplifier circuits for several reasons. First, because of the extremely low lead inductance of
surface-mount components, the problem with stray series inductance is greatly reduced. Second, the small
size of surface-mount components naturally leads to a more compact layout, thereby minimizing both stray
inductance and capacitance. If leaded components are used, it is recommended that the lead lengths be kept
as short as possible.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com