| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS3095D bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS3095D bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 46 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) THS3091D Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3091 THS3091D.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3091 THS3091DDA Obsolete Production SO PowerPAD (DDA) | 8 - - Call TI Call TI -40 to 85 3091 THS3091DDAR Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3091DDAR.B Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3091DDARG4 Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3091DDARG4.B Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3091DR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3091 THS3091DR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3091 THS3091IDGNR Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3091IDGNR.B Active Production HVSSOP (DGN) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3091 THS3095D Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3095 THS3095D.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 3095 THS3095DDA Obsolete Production SO PowerPAD (DDA) | 8 - - Call TI Call TI -40 to 85 3095 THS3095DDAR Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3095 THS3095DDAR.B Active Production SO PowerPAD (DDA) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 3095 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |