công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPOC2MOTHERBOARDTOBO1 bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG

tên linh kiện SPOC2MOTHERBOARDTOBO1
Giải thích chi tiết về linh kiện  Multichannel SPI High-Side Power Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPOC2MOTHERBOARDTOBO1 bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG

Back Button SPOC2MOTHERBOARDTOBO1 Datasheet HTML 9Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 10Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 11Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 12Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 13Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 14Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 15Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 16Page - Infineon Technologies AG SPOC2MOTHERBOARDTOBO1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
User Manual
13 of 24
Version 1.0
2017-11
SPOC (TM)+2 User Manual
Multichannel SPI High-Side Power Controller
2.2
User Interface
2.2.1
STD-View
Figure 17 - User Interface - STD-View
Table 4 - STD-View
1 Menu bar
*
2 Port selection
Software should detect the Comport automatically.
 If not: select the needed Comport.
3 Standard or SPI view
Change between a button based control(Figure 17) and a low level SPI command
control(Figure 18)
4 Device selection
Select the used device type
5 Direct inputs and LHI
 Switch IN0-IN2 on or off
 LHI can be set on or off
6 Input logics
OR/AND operation between direct inputs (IN0-IN3) with the channel’s on-status
(channel 0 to 3)
7 Reset
Reset SPOCTM+2
8 Clear
Clear all Error latches and error counter
9 Channels
Indicates the Status of a channel (Error, Warn, OUT, Slew rate)
and configures the channel (ON, Sense ratio, Restart Strategy, OC level)
10 Checksum
Shows the calculated checksum reflecting the configuration. This value will be
transmitted when clicking on send checksum.
11 IS MUX
Configure the mux setting. For more information see datasheet of SPOCTM+2
12 Error counter
Error counter of the selected channel
13 Slew rate settings
configures the slew rate of the selected channel
14 Status display
Visualizes the standard diagnosis (spi response)
15 Exit button
Closes connection and program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com