công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XIO2001IZWS bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện XIO2001IZWS
Giải thích chi tiết về linh kiện  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IZWS bảng dữ liệu(HTML) 4 Page - Texas Instruments

  XIO2001IZWS Datasheet HTML 1Page - Texas Instruments XIO2001IZWS Datasheet HTML 2Page - Texas Instruments XIO2001IZWS Datasheet HTML 3Page - Texas Instruments XIO2001IZWS Datasheet HTML 4Page - Texas Instruments XIO2001IZWS Datasheet HTML 5Page - Texas Instruments XIO2001IZWS Datasheet HTML 6Page - Texas Instruments XIO2001IZWS Datasheet HTML 7Page - Texas Instruments XIO2001IZWS Datasheet HTML 8Page - Texas Instruments XIO2001IZWS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 145 page
background image
REVISION
DATE
REVISION
NUMBER
REVISION COMMENTS
9/2014
I
Changed pin F10 From: VDD_15 To: VDD_15_PLL in the ZGU package
Changed pin F11 From: VDD_15 To: VDD_15_PLL in the ZAJ package
Changed pin 84 From: VDDA_15 To: VDD_15_PLL in the PNP package
Changed the pin name from VDD_15_PULL to VDD_15_PLL in the Pin Functions table.
Changed PCIR description in the Pin Functions table From: "Connect this terminals to the secondary PCI
bus..." To: "Connect each one of these terminals to the secondary PCI bus.."
Deleted text from the LOCK pin description in the Pin Functions table: "when bit 12 (LOCK_EN) is set in
the general control register (see Section 8.4.66)."
Changes from Revision I (September 2014) to Revision J (January 2021)
Page
• NOTE: The device in the MicroStar Jr. BGA packaging were redesigned using a laminate nFBGA package.
This nFBGA package offers datasheet-equivalent electrical performance. It is also footprint equivalent to the
MicroStar Jr. BGA. The new package designator in place of the discontinued package designator will be
updated throughout the datasheet......................................................................................................................1
• Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 1
• Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 1
• Changed u*jr ZGU to nFBGA ZWS.................................................................................................................... 8
• Changed PCIE RX max abs in the Section 6.1 table From: 0.6 to 1.2............................................................. 15
• Changed u*jr ZGU to nFBGA ZWS Thermal Model and Corrected ZGU to ZAJ part numbers....................... 16
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More