| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XIO2001IPNP.A bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP.A bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 145 page ![]() 6.12.2 Power-Down Sequence 1. Assert PERST to the device. 2. Remove the reference clock. 3. Remove PCIR clamp voltage. 4. Remove 3.3-V and 1.5-V voltages. See the power-down sequencing diagram in Figure 6-2. If the VDD_33_AUX terminal is to remain powered after a system shutdown, then the bridge power-down sequence is exactly the same as shown in Figure 6-2. V and DD_15 V DDA_15 V and DD_33 V DDA_33 PCIR REFCLK PERST Figure 6-2. Power-Down Sequence www.ti.com XIO2001 SCPS212J – MAY 2009 – REVISED JANUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: XIO2001 |