công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XIO2001IPNP.A bảng dữ liệu(PDF) 136 Page - Texas Instruments

tên linh kiện XIO2001IPNP.A
Giải thích chi tiết về linh kiện  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP.A bảng dữ liệu(HTML) 136 Page - Texas Instruments

Back Button XIO2001IPNP.A Datasheet HTML 132Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 133Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 134Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 135Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 136Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 137Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 138Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 139Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 145 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Jul-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
XIO2001IPNP
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001IPNP.A
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001IPNPG4
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001IPNPG4.A
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001IZAJ
ZAJ
NFBGA
144
260
10 x 26
150
315
135.9
7620
11.8
10
10.35
XIO2001IZAJ.A
ZAJ
NFBGA
144
260
10 x 26
150
315
135.9
7620
11.8
10
10.35
XIO2001IZWS
ZWS
NFBGA
169
160
8 x 20
150
315
135.9
7620
15.4
11.2
19.65
XIO2001IZWS.A
ZWS
NFBGA
169
160
8 x 20
150
315
135.9
7620
15.4
11.2
19.65
XIO2001IZWS.B
ZWS
NFBGA
169
160
8 x 20
150
315
135.9
7620
15.4
11.2
19.65
XIO2001PNP
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001PNP.A
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001PNPG4
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001PNPG4.A
PNP
HTQFP
128
90
6 X 15
150
315
135.9
7620
15.4
20.3
21
XIO2001ZAJ
ZAJ
NFBGA
144
260
10 x 26
150
315
135.9
7620
11.8
10
10.35
XIO2001ZAJ.A
ZAJ
NFBGA
144
260
10 x 26
150
315
135.9
7620
11.8
10
10.35
XIO2001ZWS
ZWS
NFBGA
169
160
8 x 20
150
315
135.9
7620
15.4
11.2
19.65
XIO2001ZWS.A
ZWS
NFBGA
169
160
8 x 20
150
315
135.9
7620
15.4
11.2
19.65
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More