công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138128PFCR bảng dữ liệu(PDF) 53 Page - Texas Instruments

tên linh kiện UCD3138128PFCR
Giải thích chi tiết về linh kiện  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFCR bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button UCD3138128PFCR Datasheet HTML 49Page - Texas Instruments UCD3138128PFCR Datasheet HTML 50Page - Texas Instruments UCD3138128PFCR Datasheet HTML 51Page - Texas Instruments UCD3138128PFCR Datasheet HTML 52Page - Texas Instruments UCD3138128PFCR Datasheet HTML 53Page - Texas Instruments UCD3138128PFCR Datasheet HTML 54Page - Texas Instruments UCD3138128PFCR Datasheet HTML 55Page - Texas Instruments UCD3138128PFCR Datasheet HTML 56Page - Texas Instruments UCD3138128PFCR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
53
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
All edges are dynamic in triangular mode, so fixed blanking is not that useful. The adaptive sample trigger is not
needed. It is very easy to put a fixed sample trigger exactly in the center of the FET on-time, because the center
of the on-time does not move in this mode.
9.4.3 Leading Edge Mode
Leading edge mode is similar to Normal mode, reversed in time. The DPWM A falling edge is fixed, and the
rising edge moves to the left, or backwards in time, as the filter output increases. The DPWM B falling edge
stays ahead of the DPWMA rising edge by a fixed dead time. Here is a diagram of the Leading Edge Mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com