| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138128 bảng dữ liệu(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138128 bảng dữ liệu(HTML) 52 Page - Texas Instruments |
|
52 / 84 page ![]() Start of Period Period Counter Start of Period Period Sample Trigger 1 DPWM Output A Filter Duty/2 (High Resolution) Period/2 DPWM Output B Blanking A Begin Blanking A End Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules To Other Modules Triangular Mode Closed Loop Events which change with DPWM mode: DPWM A Rising Edge = None DPWM A Falling Edge = None Adaptive Sample Trigger = None DPWM B Rising Edge = Period/2 - Filter Duty/2 + Cycle Adjust A DPWM B Falling Edge = Period/2 + Filter Duty/2 + Cycle Adjust B Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: Sample Trigger 1, Sample Trigger 2, Blanking A Begin , Blanking A End , Blanking B Begin, Blanking B End Filter controlled edge Cycle Adjust A (High Resolution) Cycle Adjust B (High Resolution) 52 UCD3138128, UCD3138A64 SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017 www.ti.com Product Folder Links: UCD3138128 UCD3138A64 Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated Device Functional Modes (continued) The Filter has two outputs, Filter Duty and Filter Period. In this case, the Filter is configured so that the Filter Period is twice the Filter Duty. So if there were no dead times, each DPWM pin would be on for half of the period. For dead time handling, the average of the two dead times is subtracted from the Filter Duty for both DPWM pins. Therefore, both pins will have the same on-time, and the dead times will be fixed regardless of the period. The only edge which is fixed relative to the start of the period is the rising edge of DPWM A. This is the only edge for which the blanking signals can be used easily. 9.4.2 Triangular Mode Triangular mode provides a stable phase shift in interleaved PFC and similar topologies. In this case, the PWM pulse is centered in the middle of the period, rather than starting at one end or the other. In Triangular Mode, only DPWM-B is available. Here is a diagram for Triangular Mode: Figure 33. Triangular Mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |