công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC827ADGVR bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SN74LVC827ADGVR
Giải thích chi tiết về linh kiện  SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC827ADGVR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74LVC827ADGVR Datasheet HTML 1Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 2Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 3Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 4Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 5Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 6Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 7Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 8Page - Texas Instruments SN74LVC827ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SN74LVC827A
SCAS306K – MARCH 1993 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 9
3
Description/Ordering Information ........................ 1
9.3
Feature Description................................................... 9
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 9
5
Revision History..................................................... 2
10
Application and Implementation........................ 10
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 10
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 10
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 11
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 12
7.3
Recommended Operating Conditions ....................... 5
12.1
Layout Guidelines ................................................. 12
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 12
7.5
Electrical Characteristics........................................... 6
13
Device and Documentation Support ................. 12
7.6
Switching Characteristics, –40°C to 85°C................. 6
13.1
Trademarks ........................................................... 12
7.7
Switching Characteristics, –40°C to 125°C............... 6
13.2
Electrostatic Discharge Caution ............................ 12
7.8
Operating Characteristics.......................................... 7
13.3
Glossary ................................................................ 12
7.9
Typical Characteristics .............................................. 7
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 8
Information ........................................................... 12
5 Revision History
Changes from Revision J (February 2005) to Revision K
Page
•
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Changed Ioff bullet in Features................................................................................................................................................ 1
•
Changed MAX operating temperature to 125°C in the Recommended Operating Conditions table. ................................... 5
•
Added –40°C to 125°C temperature range to Electrical Characteristics table. ...................................................................... 6
•
Changed tsk(o) in Switching Characteristics, –40°C to 85°C table. ......................................................................................... 6
•
Added Switching Characteristics, –40°C to 125°C table. ....................................................................................................... 6
2
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC827A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com