công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XPCWHT-L1-R250-00A01 bảng dữ liệu(PDF) 4 Page - Cree LED

tên linh kiện XPCWHT-L1-R250-00A01
Giải thích chi tiết về linh kiện  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREELED [Cree LED]
Trang chủ  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 bảng dữ liệu(HTML) 4 Page - Cree LED

  XPCWHT-L1-R250-00A01 Datasheet HTML 1Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 2Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 3Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 4Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 5Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 6Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 7Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 8Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
4
xlAMP xP-c lEDS
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Blue
B3
465
B6
485
J
23.5
10.8
XpCBLU-L1-0000-00W01
K2
30.6
13.8
XpCBLU-L1-0000-00Y01
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Green
G2
520
G4
535
N3
56.8
28.2
XPCGRN-L1-0000-00501
N4
62
30.8
XPCGRN-L1-0000-00601
P2
67.2
33.3
XPCGRN-L1-0000-00701
P3
73.9
36.7
XPCGRN-L1-0000-00801
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Amber
A2
585
A3
595
M2
39.8
14.9
XpCAMB-L1-0000-00201
M3
45.7
17.1
XpCAMB-L1-0000-00301
N2
51.7
19.4
XpCAMB-L1-0000-00401
N3
56.8
21.3
XpCAMB-L1-0000-00501
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Red-
Orange
O3
610
O4
620
N2
51.7
19.8
XPCRDO-L1-0000-00401
N3
56.8
21.7
XPCRDO-L1-0000-00501
N4
62
23.7
XPCRDO-L1-0000-00601
P2
67.2
25.7
XPCRDO-L1-0000-00701
* Calculated values for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17