công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RHAT.A bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện UCD3138RHAT.A
Giải thích chi tiết về linh kiện  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT.A bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button UCD3138RHAT.A Datasheet HTML 16Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 17Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 18Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 19Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 20Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 21Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 22Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 23Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
Error ADC
(Front End)
Filter
Digital
PWM
EAP
EAN
DPWMA
DPWMB
8.8.1.1 Front End
Figure 8-4 shows the block diagram of the front end module. It consists of a differential amplifier, an adjustable
gain error amplifier, a high speed flash analog to digital converter (EADC), digital averaging filters and a
precision high resolution set point DAC reference. The programmable gain amplifier in concert with the EADC
and the adjustable digital gain on the EADC output work together to provide 9 bits of range with 6 bits of
resolution on the EADC output. The output of the Front End module is a 9-bit sign extended result with a gain
of 1 LSB / mV. Depending on the value of AFE selected, the resolution of this output could be either 1, 2, 4 or
8 LSBs. In addition Front End 0 has the ability to automatically select the AFE value such that the minimum
resolution is maintained that still allows the voltage to fit within the range of the measurement. The EADC control
logic receives the sample request from the DPWM module for initiating an EADC conversion. EADC control
circuitry captures the EADC-9-bit-code and strobes the digital compensator for processing of the representative
error. The set point DAC has 10 bits with an additional 4 bits of dithering resulting in an effective resolution of
14 bits. This DAC can be driven from a variety of sources to facilitate things like soft start, nested loops, and
so forth. Some additional features include the ability to change the polarity of the error measurement and an
absolute value mode which automatically adds the DAC value to the error.
It is possible to operate the controller in a peak current mode control configuration; front-end 2 is recommended
for implementing peak current mode control. In this mode topologies like the phase shifted full bridge converter
can be controlled to maintain transformer flux balance. The internal DAC can be ramped at a synchronously
controlled slew rate to achieve a programmable slope compensation. This eliminates the sub-harmonic
oscillation as well as improves input voltage feed-forward performance. A0 is a unity gain buffer used to isolate
the peak current mode comparator. The offset of this buffer is specified in Section 8.5.
IOFFSET
REA
EAP
EAN
AGND
AGND
IOFFSET
REA
Front End Differential
Amplifier
Figure 8-4. Input Stage of EADC Module
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com