công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCBA017D bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện SCBA017D
Giải thích chi tiết về linh kiện  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SCBA017D bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button SCBA017D Datasheet HTML 11Page - Texas Instruments SCBA017D Datasheet HTML 12Page - Texas Instruments SCBA017D Datasheet HTML 13Page - Texas Instruments SCBA017D Datasheet HTML 14Page - Texas Instruments SCBA017D Datasheet HTML 15Page - Texas Instruments SCBA017D Datasheet HTML 16Page - Texas Instruments SCBA017D Datasheet HTML 17Page - Texas Instruments SCBA017D Datasheet HTML 18Page - Texas Instruments SCBA017D Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
PWM
FLT
Internal
Fault
Signal
FaultDetected
FaultStillPresent
Nofaultpresentduring
entirePWMhigh
interval
. FLTreseton
PWMfallingedge
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
FLT RESET
With the exception of a UVLO fault or a thermal shutdown fault, the FLT flag, once asserted, is cleared by
subsequent PWM pulses. The FLT flag will be cleared on the falling edge of the next PWM pulse, provided a
fault condition is not asserted during the entire on-time of the PWM pulse. If a fault is present or detected during
the on-time interval, the FLT pin will remain asserted. This behavior is illustrated in Figure 6.
Figure 6. FLT Reset Sequence
Whenever the voltage on the VGG pin is below the UVLO falling threshold, as at the time of initial power-up, for
example, the FLT pin will be asserted. When the voltage on the VGG pin rises above the UVLO rising threshold,
the FLT pin will be cleared automatically. This permits the FLT pin to be used as a
“Power Not Good” signal at
initial power-up to signify that there is insufficient gate drive voltage available to permit proper power conversion.
When FLT goes low, it is an indication of
“Gate Drive Power Good” and power conversion can commence. After
initial power-up, the assertion of the FLT flag should be interpreted that power conversion has stopped or has
been limited by a fault condition.
THERMAL SHUTDOWN
If the junction temperature exceeds approximately 165
°C, the device will enter thermal shutdown. This will assert
the FLT pin and both gate drivers will be turned off. When the junction temperature cools by approximately 20
°C,
the device will exit thermal shutdown. The FLT flag is reset upon exiting thermal shutdown.
Gate driver temperature will be strongly influenced by the switching frequency being used, the value of VIN and
VGG, and the total capacitive load on the HS Gate and LS Gate pins. The driver junction temperature is not
normally strongly affected by load current. However, a rise in the PCB substrate temperature due to load current
induced power dissipation in nearby components will raise the junction temperature and contribute to a possible
thermal shutdown event.
Copyright
© 2011, Texas Instruments Incorporated
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com