công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RGCT.B bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện UCD3138RGCT.B
Giải thích chi tiết về linh kiện  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.B bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button UCD3138RGCT.B Datasheet HTML 37Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 38Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 39Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 40Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 41Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 42Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 43Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 44Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
FAULT MODULE
FAULT IN
FAULT FLAG
Figure 9-10. Fault Module
All fault modules provide immediate fault detection but only once per DPWM switching cycle. Each one of the
fault modules own a separate max_count and the fault flag will be set only if sequential cycle-by-cycle faults
count exceeds max_count.
Once the fault flag is set DPWMs need to be disabled by DPWM_EN going low in order to clear the fault flags.
Note
All four Fault Modules share the same DPWM_EN control, all fault flags (output of Fault Modules) will
be cleared simultaneously.
All four Fault Modules share the same global FAULT_EN as well. Therefore a specific Fault Module cannot be
enabled/ disabled separately.
CYCLE BY CYCLE
CLIM
FAULT - CBC
Figure 9-11. Cycle by Cycle Block
Unlike fault modules, only one cycle by cycle block is available in each DPWM module.
The cycle by cycle block works in conjunction with CBC Fault Module and enables DPWM reaction to signals
arriving from analog peak current mode (PCM) module.
The fault Mux module supports the following basic functions:
• 4 digital comparators using the EADC as a source with programmable thresholds and fault generation
• Configuration for 7 high-speed analog comparators with programmable thresholds and fault generation
• External GPIO detection control with programmable fault generation
• Configurable DPWM fault generation for DPWM current limit fault, DPWM overvoltage detection fault, DPWM
A external fault, DPWM B external fault and DPWM IDE flag
• Clock failure detection for high and low frequency oscillator blocks
• Discontinuous conduction mode detection
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com