công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RGCT.A bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện UCD3138RGCT.A
Giải thích chi tiết về linh kiện  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.A bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button UCD3138RGCT.A Datasheet HTML 40Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 41Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 42Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 43Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 44Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 45Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 46Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 47Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
ADC
Channels
S/H
12-bit SAR
ADC
12-bit SAR
ADC
ADC12 Block
ADC12
Control
ADC Channel
ADC
Averaging
Digital
Comparators
DPWM
Modules
ADC12 Registers
Analog
Comparators
ADC External Trigger (from pin)
Figure 9-14. ADC12 Control Block Diagram
9.5.5.4 Timers
External to the Digital Power Peripherals there are 3 different types of timers in UCD3138. They are the 24-bit
timer, 16-bit timer and the Watchdog timer
9.5.5.4.1 24-bit PWM Timer
There is one 24 bit counter PWM timer which runs off the Interface Clock and can further be divided down by
an 8-bit pre-scalar to generate a slower PWM time period. The timer has two compare registers (Data Registers)
for generating the PWM set/unset events. Additionally, the timer has a shadow register (Data Buffer register)
which can be used to store CPU updates of the compare events while still using the timer. The selected shadow
register update mode happens after the compare event matches.
The two capture pins TCMP0 and TCMP1 are inputs for recording a capture event. A capture event can be
set either to rising, falling, or both edges of the capture pin. Upon this event, the counter value is stored in the
corresponding capture data register.
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by software
controlled register. Five Interrupts from the PWM timer can be set, which are the counter rollover event
(overflow), either capture event 0 or 1, or the two comparison match events. Each interrupt can be disabled
or enabled.
Upon an event comparison on only the second event, the TCMP pin can be configured to set, clear, toggle
or have no action at the output. The value of PWM pin output can be read for status or simply configured as
general purpose I/O for reading the value of the input at the pin. The first compare event can only be used as an
interrupt.
9.5.5.4.2 16-Bit PWM Timers
There are four 16 bit counter PWM timers which run off the Interface Clock and can further be divided down by
a 8-bit pre-scaler to generate slower PWM time periods. Each timer has two compare registers (Data Registers)
for generating the PWM set/unset events. Additionally, each timer has a shadow register (Data Buffer register)
which can be used to store CPU updates of compare events while still using the timer. The selected shadow
register update mode happens after the compare event matches.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com