| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2X bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 14 page ![]() • Oscillator Start-up Timer (OST) Programming/Debug Features • In-Circuit Serial Programming™ (ICSP™) via Two Pins • In-Circuit Debug (ICD) with Three Breakpoints via Two Pins • Debug Integrated On-Chip PIC18F2x/4xQ10 Family Types Table 1. Devices included in this family Device PIC18F24Q10 16k 1024 256 25 4 2 24 1 1 2/2 1 0 1 3 Y Y 1 1 Y Y Y I PIC18F25Q10 32k 2048 256 25 4 2 24 1 1 2/2 1 0 1 3 Y Y 1 1 Y Y Y I PIC18F26Q10 64k 3615 1024 25 4 2 24 1 1 2/2 1 8 1 3 Y Y 2 2 Y Y Y I PIC18F27Q10 128k 3615 1024 25 4 2 24 1 1 2/2 1 8 1 3 Y Y 2 2 Y Y Y I PIC18F45Q10 32k 2048 256 36 4 2 35 1 1 2/2 1 8 1 3 Y Y 2 2 Y Y Y I PIC18F46Q10 64k 3615 1024 36 4 2 35 1 1 2/2 1 8 1 3 Y Y 2 2 Y Y Y I PIC18F47Q10 128k 3615 1024 36 4 2 35 1 1 2/2 1 8 1 3 Y Y 2 2 Y Y Y I Note: Debugging Methods: (I) – Integrated on Chip. Packages Important: For other small form-factor package availability and marking information, visit http:// www.microchip.com/packaging or contact Microchip local sales office. Packages SPDIP (SP) SOIC (SO) SSOP (SS) QFN (ML) (6x6x0.9) UQFN (MV) (4x4x0.5) TQFP (PT) PDIP (P) UQFN (MV) (5x5x0.5) QFN (ML) (8x8) PIC18F24Q10 ● ● ● ● ● PIC18F25Q10 ● ● ● ● ● PIC18F26Q10 ● ● ● ● ● PIC18F27Q10 ● ● ● ● ● PIC18F45Q10 ● ● ● ● PIC18F2X/4XQ10 © 2017 Microchip Technology Inc. Product Brief DS40001920A-page 4 |