công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN2-1KB bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện SN2-1KB
Giải thích chi tiết về linh kiện  S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SN2-1KB bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  SN2-1KB Datasheet HTML 1Page - Bourns Electronic Solutions SN2-1KB Datasheet HTML 2Page - Bourns Electronic Solutions SN2-1KB Datasheet HTML 3Page - Bourns Electronic Solutions SN2-1KB Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistances from 0.005 to 50 kΩ
n
Resistance tolerances as low as ±0.05 %
n
Power rating: 0.5 to 4 watts
n
High temperature rating (+275 °C)
n
TCR as low as ±20 PPM/°C
n
Superior surge handling capability
n
Non-inductive windings are available
(Type SN)
n
Flame resistant per UL 94V-0
n
RoHS compliant*
Specifications
Bourns Part
Number
Power Rating
@ 70 °C (W)
Resistance
Range (Ω)1
Non-Inductive Winding
Resistance Range (Ω)2
Maximum
Working Voltage
S1
0.5
0.01 to 400
0.1 to 200
√P * R
S2
1
0.005 to 3k
0.1 to 1.5K
S4
2
0.01 to 15k
0.1 to 7.5K
S3
3
0.01 to 25k
0.1 to 12.5K
S5
4
0.01 to 50k
0.1 to 25K
SL2
1
0.005 to 0.01
N/A1
SL4
2
0.005 to 0.07
N/A1
1
Other resistance values may be available. Please contact Bourns.
2
Below 0.1 Ω the inductance of a single winding, or the metal element (SL), is negligible.
Specifications
Value
Tolerances
S: greater than 100 Ω, ±0.05 % to ±5 %
S: from 1 Ω to 100 Ω, ±0.1 % to ±5 %
S: below 1 Ω, ±1 % to ±5 %
SL: ±1 % to ±5 %
Temperature Coefficient
S: greater than 10 Ω : ±20 PPM/°C3
S: from 1 Ω to 10 Ω : ±50 PPM/°C3
S: less than 1 Ω : Contact Bourns
SL: ±200 PPM/°C3
Temperature Range
-55 °C to +275 °C
Dielectric Strength
S: 1000 VAC
SL: 500 VAC
Insulation Resistance
>1000 MOhms / Dry
Termination Finish
100% Electroless Tin (matte) over Copper
3
Other TCR values available upon request.
Environmental Performance
Specification (MIL-STD 202)
Value
Dielectric
±0.5 % + 0.05 Ω
Load Life
±1.0 % + 0.05 Ω
Storage
±0.5 % + 0.05 Ω
Moisture Resistance
±1.0 % + 0.05 Ω
Thermal Shock
±0.5 % + 0.05 Ω
5X Overload (5 s)
±0.5 % + 0.05 Ω
Shock
±0.5 % + 0.05 Ω
Solder Heat Resistance (260 °C, 10 s)
±0.5 % + 0.05 Ω
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Americas: Tel: +1 951-781-5500
Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400
Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
www.bourns.com
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc., including its
logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov


Số phần tương tự - SN2-1KB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ML Accessories Limited....
SN2000 KNIGHTSBRIDGE-SN2000 Datasheet
168Kb / 1P
10AX 1G 2-way Switch
25/03/2024
logo
Burr-Brown (TI)
SN200501036DRE4 BURR-BROWN-SN200501036DRE4 Datasheet
1Mb / 19P
MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
logo
Texas Instruments
SN200608044 TI1-SN200608044 Datasheet
1Mb / 49P
PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
SN200608044 TI2-SN200608044 Datasheet
780Kb / 51P
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
REVISED JUNE 2008
SN200806103ECDBR TI1-SN200806103ECDBR Datasheet
574Kb / 18P
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 15-kV IEC ESD PROTECTION
More results

Mô tả tương tự - SN2-1KB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com