công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV716/P bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện TLV716/P
Giải thích chi tiết về linh kiện  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 13Page - Texas Instruments TLV716/P Datasheet HTML 14Page - Texas Instruments TLV716/P Datasheet HTML 15Page - Texas Instruments TLV716/P Datasheet HTML 16Page - Texas Instruments TLV716/P Datasheet HTML 17Page - Texas Instruments TLV716/P Datasheet HTML 18Page - Texas Instruments TLV716/P Datasheet HTML 19Page - Texas Instruments TLV716/P Datasheet HTML 20Page - Texas Instruments TLV716/P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TLV716120275PDPQR
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
TLV716120275PDPQR.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
TLV716120275PDPQT
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
TLV716120275PDPQT.B
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
TLV7162818PDPQR
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CW
TLV7162818PDPQR.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CW
TLV7162818PDPQT
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CW
TLV7162818PDPQT.B
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CW
TLV7162828PDPQR
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CX
TLV7162828PDPQR.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CX
TLV7162828PDPQT
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CX
TLV7162828PDPQT.B
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CX
TLV7163030PDPQR
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CY
TLV7163030PDPQR.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CY
TLV7163030PDPQT
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CY
TLV7163030PDPQT.B
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CY
TLV7163318PDPQR
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CZ
TLV7163318PDPQR.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CZ
TLV7163318PDPQT
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CZ
TLV7163318PDPQT.B
Active
Production
X2SON (DPQ) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
CZ
V716120275PDPQRG4
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
V716120275PDPQRG4.B
Active
Production
X2SON (DPQ) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
EI
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24