công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G06DRYR bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện SN74LVC2G06DRYR
Giải thích chi tiết về linh kiện  SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G06DRYR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button SN74LVC2G06DRYR Datasheet HTML 17Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 18Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 19Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 20Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 21Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 22Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 23Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 24Page - Texas Instruments SN74LVC2G06DRYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (
)
0.225
(0.5) TYP
(0.5) TYP
(
)
METAL
0.225
0.05 MAX
SOLDER MASK
OPENING
METAL
UNDER
MASK
(
)
SOLDER MASK
OPENING
0.225
0.05 MIN
4219524/A 06/2014
DSBGA - 0.5 mm max height
YZP0006
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SBVA017 (www.ti.com/lit/sbva017).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:40X
1
2
A
B
C
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33