công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G17DBVT.B bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện SN74LVC2G17DBVT.B
Giải thích chi tiết về linh kiện  SN74LVC2G17 Dual Schmitt-Trigger Buffer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G17DBVT.B bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button SN74LVC2G17DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 14Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 15Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 16Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 17Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 18Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 19Page - Texas Instruments SN74LVC2G17DBVT.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Oct-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC2G17DBVR
SOT-23
DBV
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
SN74LVC2G17DBVT
SOT-23
DBV
6
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G17DBVTG4
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC2G17DCKR
SC70
DCK
6
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
SN74LVC2G17DCKR
SC70
DCK
6
3000
180.0
8.4
2.3
2.5
1.2
4.0
8.0
Q3
SN74LVC2G17DCKRG4
SC70
DCK
6
3000
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G17DCKT
SC70
DCK
6
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G17DCKT
SC70
DCK
6
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC2G17DCKT
SC70
DCK
6
250
180.0
8.4
2.41
2.41
1.2
4.0
8.0
Q3
SN74LVC2G17DCKTG4
SC70
DCK
6
250
178.0
9.2
2.4
2.4
1.22
4.0
8.0
Q3
SN74LVC2G17DRYR
SON
DRY
6
5000
180.0
9.5
1.15
1.6
0.75
4.0
8.0
Q1
SN74LVC2G17DRYRG4
SON
DRY
6
5000
180.0
9.5
1.15
1.6
0.75
4.0
8.0
Q1
SN74LVC2G17DSF2
SON
DSF
6
5000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q3
SN74LVC2G17DSF2G4
SON
DSF
6
5000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q3
SN74LVC2G17DSFR
SON
DSF
6
5000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
SN74LVC2G17YZPR
DSBGA
YZP
6
3000
178.0
9.2
1.02
1.52
0.63
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34