công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1T45DBVT bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện SN74LVC1T45DBVT
Giải thích chi tiết về linh kiện  SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45DBVT bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button SN74LVC1T45DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 16Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1T45DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The SN74LVC1T45 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The maximum data rate can be up to 420Mbps when
device translates signals from 3.3V to 5V.
8.2 Typical Application
8.2.1 Unidirectional Logic Level-Shifting Application
Figure 8-1 shows an example of the SN74LVC1T45 being used in a unidirectional logic level-shifting application.
1
2
3
6
5
4
VCC1
VCC1
VCC2
VCC2
SYSTEM-1
SYSTEM-2
Figure 8-1. Unidirectional Logic Level-Shifting Application
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
1.65V to 5.5V
Output voltage range
1.65V to 5.5V
8.2.1.2 Detailed Design Procedure
To begin the design process, determine the following:
• Input voltage range
- Use the supply voltage of the device that is driving the SN74LVC1T45 device to determine the input voltage
range. For a valid logic high the value must exceed the VIH of the input port. For a valid logic low the value must
be less than the VIL of the input port.
• Output voltage range
- Use the supply voltage of the device that the SN74LVC1T45 device is driving to determine the output voltage
range.  
www.ti.com
SN74LVC1T45
SCES515N – DECEMBER 2003 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com