công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G06DCK bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74LVC2G06DCK
Giải thích chi tiết về linh kiện  SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G06DCK bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74LVC2G06DCK Datasheet HTML 1Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 2Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 3Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 4Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 5Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 6Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 7Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 8Page - Texas Instruments SN74LVC2G06DCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1A
1Y
1
6
2A
2Y
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G06
SCES307J – AUGUST 2001 – REVISED JULY 2015
SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
1 Features
3 Description
This dual inverter buffer and driver is designed for
1
•
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
Package
The output of the SN74LVC2G06 device is an open-
•
Supports 5-V VCC Operation
drain which can be connected to other open-drain
•
Max tpd of 3.4 ns at 3.3 V
outputs to implement active-low, wired-OR, or active-
•
Low Power Consumption, 10-
μA Max ICC
high wired-AND functions. The maximum sink current
•
±24-mA Output Drive at 3.3 V
is 32 mA.
•
Typical VOLP (Output Ground Bounce)
This device is fully specified for partial-power-down
<0.8 V at VCC = 3.3 V, TA = 25°C
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
•
Typical VOHV (Output VOH Undershoot)
through the device when it is powered down.
>2 V at VCC = 3.3 V, TA = 25°C
•
Inputs and Open-Drain Outputs Accept
NanoFree™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
Voltages up to 5.5 V
as the package.
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode and Back-Drive Protection
Device Information(1)
•
Latch-Up Performance Exceeds 100 mA Per
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
JESD 78, Class II
SN74LVC2G06DBV
SOT-23 (6)
2.90 mm × 1.60 mm
•
Supports Down-Translation
SN74LVC2G06DCK
SC70 (6)
2.00 mm × 1.25 mm
(5 V to 3.3 V and 3.3 V to 1.8 V)
SN74LVC2G06DRY
SON (6)
1.45 mm × 1.00 mm
•
ESD Protection Exceeds JESD 22
SN74LVC2G06DSF
SON (6)
1.00 mm × 1.00 mm
–
2000-V Human Body Model (A114-A)
SN74LVC2G06YZP
DSBGA (6)
1.41 mm × 0.91 mm
–
200-V Machine Model (A115-A)
(1) For all available packages, see the orderable addendum at
–
1000-V Charged-Device Model (C101)
the end of the data sheet.
Logic Diagram
2 Applications
•
AV Receivers
•
Blu-ray Players and Home Theaters
•
DVD Recorders and Players
•
Desktop or Notebook PCs
•
Digital Radio or Internet Radio Players
•
Digital Video Cameras (DVC)
•
Embedded PC
•
GPS: Personal Navigation Devices
•
Mobile Internet Devices
•
Network Projector Front-End
•
Portable Media Players
•
Pro Audio Mixers
•
Smoke Detectors
•
Solid-State Drive (SSD): Enterprise
•
High-Definition (HDTV)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - SN74LVC2G06DCK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC2G06DCKR TI-SN74LVC2G06DCKR Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06DCKR TI1-SN74LVC2G06DCKR Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
logo
TECH PUBLIC Electronics...
SN74LVC2G06DCKR-TP TECHPUBLIC-SN74LVC2G06DCKR-TP Datasheet
2Mb / 5P
INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC2G06DCKRE4 TI1-SN74LVC2G06DCKRE4 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC2G06DCKRG4 TI1-SN74LVC2G06DCKRG4 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
More results

Mô tả tương tự - SN74LVC2G06DCK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-Q1 TI-SN74LVC2G06-Q1 Datasheet
119Kb / 7P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07_15 Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com