công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1T45 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện SN74LVC1T45
Giải thích chi tiết về linh kiện  SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1T45 Datasheet HTML 9Page - Texas Instruments SN74LVC1T45 Datasheet HTML 10Page - Texas Instruments SN74LVC1T45 Datasheet HTML 11Page - Texas Instruments SN74LVC1T45 Datasheet HTML 12Page - Texas Instruments SN74LVC1T45 Datasheet HTML 13Page - Texas Instruments SN74LVC1T45 Datasheet HTML 14Page - Texas Instruments SN74LVC1T45 Datasheet HTML 15Page - Texas Instruments SN74LVC1T45 Datasheet HTML 16Page - Texas Instruments SN74LVC1T45 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
7 Detailed Description
7.1 Overview
The SN74LVC1T45 is a single-bit, dual-supply, noninverting voltage level transceiver. Pin A and the direction
control pin (DIR) are supported by VCCA and pin B is supported by VCCB. The A port is able to accept I/O
voltages ranging from 1.65V to 5.5V, while the B port can accept I/O voltages from 1.65V to 5.5V. The high on
the DIR allows data transmissions from A to B and a low on the DIR allows data transmissions from B to A.
7.2 Functional Block Diagram
B
DIR
5
4
A
3
VCCA
VCCB
Figure 7-1. Logic Diagram (Positive Logic)
7.3 Feature Description
7.3.1 Fully Configurable Dual-Rail Design Allows Each Port to Operate Over the Full 1.65V to 5.5V
Power-Supply Range
Both VCCA and VCCB can be supplied at any voltage between 1.65V and 5.5V, making the device suitable for
translating between any of the voltage nodes (1.8V, 2.5V, 3.3V, and 5V).
7.3.2 Support High Speed Translation
The SN74LVC1T45 device supports high data rate applications. The translated signal data rate can be up to
420Mbps when the signal is translated from 3.3V to 5V.
7.3.3 Ioff Supports Partial Power-Down Mode Operation
The inputs and outputs for this device enter a high-impedance state when the device is powered down, inhibiting
current backflow into the device. The maximum leakage into or out of any input or output pin on the device is
specified by Ioff in the Electrical Charateristics.
7.3.4 Balanced High-Drive CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The high drive capability of this device
creates fast edges into light loads so impedance matching and load conditions should be considered to prevent
ringing. Additionally, the outputs of this device are capable of driving larger currents than the device can sustain
without being damaged. Two outputs can be connected together for a stronger output drive strength. The
electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times.
7.3.5 Glitch-Free Power Supply Sequencing
Either supply rail may be powered on or off in any order without producing a glitch on the I/Os (that is, where
the output erroneously transitions to VCC when it should be held low or vice versa). Glitches of this nature can
be misinterpreted by a peripheral as a valid data bit, which could trigger a false device reset of the peripheral, a
false device configuration of the peripheral, or even a false data initialization by the peripheral.
www.ti.com
SN74LVC1T45
SCES515N – DECEMBER 2003 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com