công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ABCIRP24IC bảng dữ liệu(PDF) 3 Page - TT Electronics.

tên linh kiện ABCIRP24IC
Giải thích chi tiết về linh kiện  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP24IC bảng dữ liệu(HTML) 3 Page - TT Electronics.

  ABCIRP24IC Datasheet HTML 1Page - TT Electronics. ABCIRP24IC Datasheet HTML 2Page - TT Electronics. ABCIRP24IC Datasheet HTML 3Page - TT Electronics. ABCIRP24IC Datasheet HTML 4Page - TT Electronics. ABCIRP24IC Datasheet HTML 5Page - TT Electronics. ABCIRP24IC Datasheet HTML 6Page - TT Electronics. ABCIRP24IC Datasheet HTML 7Page - TT Electronics. ABCIRP24IC Datasheet HTML 8Page - TT Electronics. ABCIRP24IC Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ABCIRP
The ABCIRP connector series is derived from the American Mil-C-5015 & VG95234 specifications and is
approved to the French rail specification NF F 61 030.
The connectors are intermateable and interchangeable with corresponding types, but feature a low fire
hazard thermoplastic insulator which is removeable for repositioning at an alternative orientation.
Contacts are retained in the insulator by means of a unique beryllium copper spring clip.
Connector sealing features a stepped wire seal grommet which removes the need to populate unused
cavities with filler plugs.
Crimp tooling is industry standard and contacts are inserted and removed using simple hand tools.
Benefits include:
• ABCIRP connectors qualified to NF F 61 030 norm.
• Approved for use on railway equipment by SNCF, RATP, Alstom Transport, Bombardier and LUL.
• Compatible with existing MS 5015 reverse bayonnet types.
• Low fire hazard / low halogen insulator material tested to French NF F 16-101 norm and BS 6853.
• Cadmium free surface plating. Black Zinc Cobalt, RoHS Compliant.
• Removable insulator.
• Positive location of insulator shell.
• Pin insulators feature with or without bonded resilient rubber face seal.
• Rear individual wire seal grommet with webbed holes.
• Mated connector assemblies sealed to IP67.
• Part populated insulators achieve sealing without the fitting of grommet fillers.
• Contacts retained by high performance metal spring clip.
• Comprehensive range of screened / unscreened, sealed / unsealed backshells & accessories.
• 3D Models available to download from our website.
Conforms to EN45545 HL3 R22/R23 & meets the specifications of the Fire Barrier Testing: EN1363. BS476
Modular Bayonet Lock
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com