| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC02APWR.B bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC02APWR.B bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 42 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.05 MAX ALL AROUND 0.05 MIN ALL AROUND 14X (1.5) 14X (0.45) 12X (0.65) (5.8) (R0.05) TYP TSSOP - 1.2 mm max height PW0014A SMALL OUTLINE PACKAGE 4220202/B 12/2023 NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE: 10X SYMM SYMM 1 7 8 14 15.000 METAL SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK OPENING EXPOSED METAL EXPOSED METAL SOLDER MASK DETAILS NON-SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DEFINED |