công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ81EP bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện L99DZ81EP
Giải thích chi tiết về linh kiện  Door actuator driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ81EP bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button L99DZ81EP Datasheet HTML 27Page - STMicroelectronics L99DZ81EP Datasheet HTML 28Page - STMicroelectronics L99DZ81EP Datasheet HTML 29Page - STMicroelectronics L99DZ81EP Datasheet HTML 30Page - STMicroelectronics L99DZ81EP Datasheet HTML 31Page - STMicroelectronics L99DZ81EP Datasheet HTML 32Page - STMicroelectronics L99DZ81EP Datasheet HTML 33Page - STMicroelectronics L99DZ81EP Datasheet HTML 34Page - STMicroelectronics L99DZ81EP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
DocID023145 Rev 2
31/62
L99DZ81EP
Application information
61
3.5
Overvoltage and undervoltage detection at VS
If the power supply voltage VS rises above the overvoltage threshold VSOV_OFF, the outputs
OUT4 to OUT10 are switched to high impedance state, the charge pump is disabled and the
H-Bridge gate drivers are switched into sink condition to protect the H-bridge and the load.
When the voltage VS drops below the undervoltage threshold VSUV_OFF (UV-switch-OFF
voltage), the output stages are switched to high impedance to avoid the operation of the
power devices without sufficient gate driving voltage (increased power dissipation). If the
supply voltage VS recovers to normal operating voltage, the charge pump is switched on
again, the CP_LOW bit is cleared and the output stages return to the programmed state. If
the undervoltage/overvoltage recovery disable bit is set, the automatic turn-on of the drivers
is deactivated.
If the undervoltage/overvoltage recovery disable bit (OV_UV_RD) is set, the microcontroller
needs to clear the status bits to reactivate the drivers. It is recommended to set OV_UV_RD
bit to avoid a possible high current oscillation in case of a shorted output to GND and low
battery voltage.
3.6
Overvoltage and undervoltage detection at VCC
At power-on (VCC increases from undervoltage to VPOROFF) the circuit is initialized by an
internally generated power-on-reset (POR). If the voltage VCC decreases below the low
threshold (VPORON), the outputs are switched to 3-state (high impedance) and the status
registers are cleared. If the voltage at pin VCC increases above the VCC reset high threshold
VVCCRESHU, the device enters the reset state, all outputs are switched off and all internal
registers are cleared. After the voltage at pin VCC has decreased below VVCCRESHL, the
device enters normal operating mode again and the internal registers are reset.
3.7
Temperature warning and shutdown
If the junction temperature rises above the temperature warning threshold (TjTW), a
temperature warning flag is set after the temperature warning filter time (Tjtft) and can be
read via SPI. If the junction temperature increases above the temperature shutdown
threshold (TjTS), the thermal shutdown bit is set and the power transistors of all output
stages are switched off to protect the device after the thermal shutdown filter time. The
gates of the H-Bridge are discharged by the ‘Resistive Low’ mode.
The temperature warning and thermal shutdown flags are latched and must be cleared by
the microcontroller. This is done by a read and clear command on an arbitrary register,
because both bits are part of the global status register.
After these bits have been cleared, the output stages are reactivated. If the temperature is
still above the thermal warning threshold, the thermal warning bit is set after Tjtft. Once this
bit is set and the temperature is above the temperature shutdown threshold, temperature
shutdown is detected after Tjtft and the outputs are switched off. Therefore the minimum
time after which the outputs are switched off after the bits have been cleared in case the
temperature is still above the thermo-shutdown threshold is twice the thermo-warning/-
shutdown filter time Tjtft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com