| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS308RLF bảng dữ liệu(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS308RLF bảng dữ liệu(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS308 SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER SER PROG CLOCK SYNTHESIZER IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 8 ICS308 REV J 120507 Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Wide Body) Package dimensions are kept current with JEDEC Publication No. 95 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS308R ICS308R Tubes 20-pin SSOP 0 to +70 ° C ICS308RT Tape and Reel 20-pin SSOP 0 to +70 ° C ICS308RI ICS308RI Tubes 20-pin SSOP -40 to +85 ° C ICS308RIT Tape and Reel 20-pin SSOP -40 to +85 ° C ICS308RLF 308RLF Tubes 20-pin SSOP 0 to +70 ° C ICS308RLFT Tape and Reel 20-pin SSOP 0 to +70 ° C ICS308RILF 308RILF Tubes 20-pin SSOP -40 to +85 ° C ICS308RILFT Tape and Reel 20-pin SSOP -40 to +85 ° C INDEX AREA 1 2 20 D E1 E SEATING PLANE A1 A A2 e - C - b aaa C c L *For reference only. Controlling dimensions in mm. Millimeters Inches* Symbol Min Max Min Max A 1.35 1.75 0.053 0.069 A1 0.10 0.25 0.004 0.010 A2 -- 1.50 -- 0.059 b 0.20 0.30 0.008 0.012 c 0.18 0.25 0.007 0.010 D 8.55 8.75 0.337 0.344 E 5.80 6.20 0.228 0.244 E1 3.80 4.00 0.150 0.157 e .635 Basic .025 Basic L 0.40 1.27 0.016 0.050 α 0 ° 8 ° 0 ° 8 ° aaa -- 0.10 -- 0.004 |