công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNX4AHCT240 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện SNX4AHCT240
Giải thích chi tiết về linh kiện  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNX4AHCT240 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SNX4AHCT240 Datasheet HTML 6Page - Texas Instruments SNX4AHCT240 Datasheet HTML 7Page - Texas Instruments SNX4AHCT240 Datasheet HTML 8Page - Texas Instruments SNX4AHCT240 Datasheet HTML 9Page - Texas Instruments SNX4AHCT240 Datasheet HTML 10Page - Texas Instruments SNX4AHCT240 Datasheet HTML 11Page - Texas Instruments SNX4AHCT240 Datasheet HTML 12Page - Texas Instruments SNX4AHCT240 Datasheet HTML 13Page - Texas Instruments SNX4AHCT240 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Input
1.5 V
1.5 V
3 V
0 V
tPLH
tPLH
tPHL
tPHL
In-Phase
Output
Out-of-Phase
Output
VOH
VOL
VOH
VOL
50% VCC
50% VCC
50% VCC
50% VCC
A.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-4. Voltage Waveforms Propagation Delay Times Inverting and Noninverting Outputs
1.5 V
th
1.5 V
1.5 V
0 V
3 V
0 V
3 V
Timing Input
Data Input
1.5 V
tSU
Figure 6-5. Voltage Waveforms Setup And Hold Times
1.5 V
50% VCC
3 V
0 V
§ 9CC
§ 0 V
VOH
VOL
tPLZ
tPHZ
tPZL
tPZH
Output
Control
Output
Waveform 1
(1)
S1 at VCC
Output
Waveform 2
(2)
S1 at GND
1.5 V
VOH ± 0.3 V
50% VCC
VOL + 0.3 V
A.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
B.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-6. Voltage Waveforms Enable And Disable Times Low- and High-Level Enabling
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com