công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ACT74DR bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện SN74ACT74DR
Giải thích chi tiết về linh kiện  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74DR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button SN74ACT74DR Datasheet HTML 18Page - Texas Instruments SN74ACT74DR Datasheet HTML 19Page - Texas Instruments SN74ACT74DR Datasheet HTML 20Page - Texas Instruments SN74ACT74DR Datasheet HTML 21Page - Texas Instruments SN74ACT74DR Datasheet HTML 22Page - Texas Instruments SN74ACT74DR Datasheet HTML 23Page - Texas Instruments SN74ACT74DR Datasheet HTML 24Page - Texas Instruments SN74ACT74DR Datasheet HTML 25Page - Texas Instruments SN74ACT74DR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
www.ti.com
PACKAGE OUTLINE
C
12X 0.65
2X
3.9
14X
0.38
0.22
8.2
7.4
TYP
SEATING
PLANE
0.05 MIN
0.25
GAGE PLANE
0 -8
2 MAX
0.25
0.09
B
5.6
5.0
NOTE 4
A
6.5
5.9
NOTE 3
0.95
0.55
SSOP - 2 mm max height
DB0014A
SMALL OUTLINE PACKAGE
4220762/A 05/2024
1
7
8
14
0.15
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-150.
A 15
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41