| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF6045IDGKT bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF6045IDGKT bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 38 page ![]() ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C033 ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C034 ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C031 ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C032 ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C038 ±200 ±180 ±160 ±140 ±120 ±100 ±80 ±60 ±40 ±20 0 0 100 200 300 400 500 Frequency (kHz) C030 11 REF6025, REF6030, REF6033, REF6041, REF6045, REF6050 www.ti.com SBOS708B – MAY 2016 – REVISED AUGUST 2016 Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated Typical Characteristics (continued) at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6025 (unless otherwise noted) REF6050 driving REF pin of ADS8881, fIN = 10 kHz, SNR = 99.2 dB, THD = –119.4 dB Figure 25. Typical FFT Plot REF6041 driving REF pin of ADS8881, fIN = 1 kHz, SNR = 99 dB, THD = –124.4 dB Figure 26. Typical FFT Plot REF6041 driving REF pin of ADS8881, fIN = 2 kHz, SNR = 99 dB, THD = –123.6 dB Figure 27. Typical FFT Plot REF6041 driving REF pin of ADS8881, fIN = 10 kHz, SNR = 97.2 dB, THD = –119.7 dB Figure 28. Typical FFT Plot REF6025 driving REF pin of ADS8881, fIN = 1 kHz, SNR = 95.4 dB, THD = –124 dB Figure 29. Typical FFT Plot REF6025 driving REF pin of ADS8881, fIN = 2 kHz, SNR = 95.4 dB, THD = –123.5 dB Figure 30. Typical FFT Plot |