| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3433IDBVR bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF3433IDBVR bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 31 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.07 MAX ARROUND 0.07 MIN ARROUND 6X (1.1) 6X (0.6) (2.6) 2X (0.95) (R0.05) TYP 4214840/G 08/2024 SOT-23 - 1.45 mm max height DBV0006A SMALL OUTLINE TRANSISTOR NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. SYMM LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE:15X PKG 1 3 4 5 2 6 SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK DEFINED EXPOSED METAL METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DETAILS EXPOSED METAL |