| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF5010AID bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010AID bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 52 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF5045AID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 A REF5045AID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 A REF5045AIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI | Nipdau Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045AIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5045 A REF5045AIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5045 A REF5045ID Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 REF5045ID.A Active Production SOIC (D) | 8 75 | TUBE Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 REF5045IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045IDGKT Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045IDGKT.A Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 R50E REF5045IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 REF5045IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 REF5045IDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 Addendum-Page 6 |