công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASZKDV bảng dữ liệu(PDF) 1 Page - Abracon Corporation

tên linh kiện ASZKDV
Giải thích chi tiết về linh kiện  32.768 kHz Low Power SMD Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABRACON [Abracon Corporation]
Trang chủ  https://abracon.com
Logo ABRACON - Abracon Corporation

ASZKDV bảng dữ liệu(HTML) 1 Page - Abracon Corporation

  ASZKDV Datasheet HTML 1Page - Abracon Corporation ASZKDV Datasheet HTML 2Page - Abracon Corporation ASZKDV Datasheet HTML 3Page - Abracon Corporation ASZKDV Datasheet HTML 4Page - Abracon Corporation ASZKDV Datasheet HTML 5Page - Abracon Corporation ASZKDV Datasheet HTML 6Page - Abracon Corporation ASZKDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASZKDV Series
32.768 kHz Low Power SMD Crystal Oscillator
Revision: B
Rev B Release: 3/5/2025
Page 1
Disclaimer
lign
Check Inventory
Request Samples
lign
Request Samples
Description
Parameters
Minimum
Typical
Maximum
Units
Notes
Output Frequency
32.768
kHz
Operating Temperature Range (OTR)
-40
+85
°C
Option “L”
-40
+125
Option “H”
Storage Temperature Range
-55
+125
°C
Turnover Temperature
+20
+25
+30
°C
Frequency Tolerance
-20
+20
ppm
Temperature Coefficient
-0.035±10%
ppm/C²
Supply Voltage Range (Vdd)
+1.6
+5.5
V
@ OTR= -40°C ~ +85°C
+2.25
+5.5
@ OTR= -40°C ~ +125°C
Vdd slew rate
±0.5
V/ms
Current Consumption (Idd)
CLKOUT disabled [Note 2, 3]
0.45
0.65
µA
Vdd = 3.0 V, @ +25°C
0.68
0.90
Vdd = 5.0 V, @ +25°C
1.30
Vdd = 3.0 V, over OTR -40 to 85°C
1.80
Vdd = 5.0 V, over OTR -40 to 85°C
1.95
Vdd = 3.0 V, over OTR -40 to 125°C
2.70
Vdd = 5.0 V, over OTR -40 to 125°C
Output Load (CL)
15
pF
CMOS
Output Voltage
VOH
Vdd -0.4
V
IOH = -400μA, Vdd = 1.6 to 5.5 V
VOL
GND+0.4
IOL = 400μA, Vdd = 1.6 to 5.5 V
Hi-Z leakage current
±100
nA
OE = GND; OUTPUT= Vdd or GND
OE Pin Function
"1" (VIH≥0.7*Vdd) or Open: Oscillation
"0" (VIL<0.3*Vdd): Output disabled
Aging @ +25°C
-3.0
+3.0
ppm
First year
Duty Cycle
40
60
%
Voltage Coefficient
-3.0
+3.0
ppm/V
Start-up Time
0.5
s
Output Rise Time
30.0
70.0
ns
CL = 10 pF, 10% to 90% Vdd
Output Fall Time
30.0
70.0
ns
CL = 10 pF, 10% to 90% Vdd
Output Enable Time
0.0
0.5
µS
Output Disable Time
0.1
µS
Abracon’s ASZKDV series is a low power 32.768 kHz crystal oscillator with a miniature 2.0 mm x 1.2 mm x 0.7 mm package.
This series offers a variable supply voltage, capable of operating with 1.6V to 5.5V. The ASZKDV delivers a CMOS output with
a ±20 ppm frequency tolerance. This series has an output enable/disable feature, with a low 0.45 µA typical disable current.
▪
Oscillator with internal at 32.768 kHz tuning fork resonator
▪
Ultra-miniature package 2.0x1.2x0.7mm [max.]
▪
CMOS output
▪
Continuous supply voltage operation from 1.6V to 5.5V
▪
Optimized for low current consumption
▪
Operating temperature range: -40 to +85 °C, -40 to +125 °C
▪
Output enable/disable function
Features
Typical Applications
▪
Portable and wearable electronics
▪
Internet of Things (IoT)
▪
Consumer electronics
▪
Industrial control and automation
▪
General purpose clock generator for digital systems
▪
Clock reference for Real Time Clocks (RTCs)
▪
Timekeeping in network servers and computers
▪
Electricity, gas and water metering
Electrical Specifications [Note 1]
Note 1:
Vdd = 3.0V; GND = 0V; @ +25 °C unless otherwise indicated
Note 2:
See diagram “Typical Supply Current (Idd) vs Supply Voltage (Vdd)”
Note 3:
When OUTPUT is enabled (OE is HIGH) the additional supply current can be calculated as follows: ΔIDD = CL x VDD x Fout


Số phần tương tự - ASZKDV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ASZ1015 ETC1-ASZ1015 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1016 ETC1-ASZ1016 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1017 ETC1-ASZ1017 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ1018 ETC1-ASZ1018 Datasheet
329Kb / 4P
GERMANIUM POWER TRANSISTORS
ASZ15 ETC1-ASZ15 Datasheet
4Mb / 18P
Germanium PNP Transistor
More results

Mô tả tương tự - ASZKDV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25-32.768KHZ-6-T ABRACON-ABS25-32.768KHZ-6-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25 ABRACON-ABS25_15 Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com