| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF0201H-20-RWA bảng dữ liệu(PDF) 6 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
PCF0201H-20-RWA bảng dữ liệu(HTML) 6 Page - TT Electronics. |
|
6 / 6 page ![]() Precision Thin Film Nichrome Chip Resistors PCF Series ** Applies to all Ranges, Termination and Packing options. Ordering Procedure This product has two valid part numbers: European (Welwyn) Part Number**: PCF0603-11-1K54BI (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free) P C F 0 6 0 3 - 1 1 - 1 K 5 4 B I 1 2 3 4 5 6 7 USA (IRC) Part Number*: PCF-W0603LF-11-1541-B-P-LT (0603, standard, 15ppm/°C, 1.54 kilohm ±0.1%, Pb-free) P C F - W 0 6 0 3 L F - 1 1 - 1 5 4 1 - B - P - L T 1 2 3 4 5 6 7 8 * Applies only to Standard Range, Pb-Free parts 1 2 3 4 5 6 7 Type Size Range TCR Value Tolerance Termination & Packing PCF 0201 Omit for Standard -13 = ±5ppm/°C E24 = 3/4 characters E96 = 3/4 characters R = ohms K = kilohms M = megohms L = ±0.01% 0402 -12 = ±10ppm/°C W = ±0.05% 0603 H = High Power -11 = ±15ppm/°C B = ±0.1% 0201, 0402 10,000/reel 0805 X = Extended R = ±25ppm/°C -20 = ±2ppm/°C -19 = ±3ppm/°C C = ±0.25% 0603 to 1210 5000/reel 1206 P = Passivated -02 = ±50ppm/°C D = ±0.5% 2010, 2512 4000/reel 1210 F = ±1% T1* = Pb-free, 1K reel 2010 0201 to 1206, 2010, 2512 1000/reel 2512 * Non-standard; enquire to confirm 1 2 3 4 5 6 7 8 Type Model Termination TCR Value Tolerance Tape Packing PCF W0201 LF = Pb-free (100%Sn) 13 = ±5ppm/°C 3 digits + multiplier T = ±0.01% P = Paper (0201 to 1210) LT = Tape & Reel W0402 12 = ±10ppm/°C R = ohms for values <100 ohms A = ±0.05% 0201, 0402 10,000/reel W0603 11 = ±15ppm/°C B = ±0.1% E = Embossed (2010, 2512) 0603 to 1210 5000/reel W0805 03 = ±25ppm/°C C = ±0.25% 2010, 2512 4000/reel W1206 02 = ±50ppm/°C D = ±0.5% W1210 F = ±1% W2010 W2512 A = AEC-Q200 grade, Pb-free I = Standard grade, Pb-free Standard Packing PB = SnPb, 1K reel 0805, 1206 1000/reel availability 12.16 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc http://www.ttelectronics.com/resistors BI Technologies IRC Welwyn |